Part Number Hot Search : 
FE01003 AHCT1 29F800 0ETTTS MJD350 NZGL00 MC140 W78M32
Product Description
Full Text Search
 

To Download DN6849UBS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hall ICs
DN6849UBS
Hall IC for alternative magnetic field
s Overview
The DN6849UBS is a Hall IC in which a Hall element, an amplifier circuit, Schmidt circuit, stabilized power supply and temperature compensation circuit are integrated onto a single chip using IC technology. It amplifies Hall element output in the amplifier, converts it into a digital signal through the Schmidt circuit so as to drive the TTL or MOS IC directly.
1 4
Unit: mm
0.60.2
2
3
0.950.2
s Features
* High sensitivity and low drift * Stable temperature characteristics due to the built-in temperature compensation circuit * Wide operating supply voltage range (VCC = 4.5 V to 16 V) * Operating in alternative magnetic field * Open collector output
0.40.15 3.00.3 5.40.4
ESOP004-P-0200
s Applications
* Speed sensor, position sensor, rotation sensor and key board switch
s Block Diagram
VCC
1
Stabilized power supply
Temperature compensation circuit Output stage 3 Out
Hall element
Amplifier
GND
4
2
Schmidt circuit
N.C.
0.2 -0.05 0.10.1
0.40.2
+0.15
1.50.3
3.00.3
1.6
1
DN6849UBS
s Pin Descriptions
Pin No. 1 2 3 4 Description Supply voltage pin N.C. Output pin Ground pin
Hall ICs
s Absolute Maximum Ratings
Parameter Supply voltage Supply current Power dissipation
*2 *1
Symbol VCC ICC PD Topr Tstg
Rating - 0.3 to +18 8 62.5 -40 to +100 -55 to +125
Unit V mA mW C C
Operating ambient temperature Storage temperature
*1
Note) 1. The reverse insertion of this IC will cause its breakdown. 2. It will operate normally in several tens of ms after power on. 3. Use it within 100 mT of magnetic flux density, because if 100 mT or more is applied, the output of Hall IC is likely to be inverted. 4. Since this IC requires a special assembly, its anti-moisture characteristic is poor compared with other ordinary ICs. If high reliability is required, you should dry PCB well after mounting and mold them with resin over the PCB. 5. *1: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25C. *2: Shows the allowable power consumption at Ta = 100C. If the operation condition exceeds 62.5 mW, take measure in mounting and etc.
s Recommended Operating Range
Parameter Supply voltage Symbol VCC Range 4.5 to 16 Unit V
2
Hall ICs
s Electrical Characteristics
1. Electrical Characteristics at Ta = 25C Parameter Operating magnetic flux density 1 Operating magnetic flux density 2 Hysteresis width Output voltage 1 Output voltage 2 Output current 1 Output current 2 Supply current 1 Supply current 2 Symbol BH-L1 BL-H1 BW VOL1 VOL2 IOH1 IOH2 ICC1 ICC2 Conditions VCC = 12 V VCC = 12 V VCC = 12 V VCC = 4.5 V, IO = 15 mA B = 16 mT VCC = 16 V, IO = 15 mA B = 16 mT VCC = 4.5 V, VO = 16 V B = -16 mT VCC =16 V, VO = 16 V B = -16 mT VCC = 4.5 V, B = 16 mT VCC = 16 V, B = 16 mT Min -9 -16 7
DN6849UBS
Typ 6 -6 12
Max 16 9 21 0.4 0.4 10 10 6.5 7.0
Unit mT mT mT V V A A mA mA
2. Electrical Characteristics at Ta = 100C 10C Parameter Operating magnetic flux density 3 Operating magnetic flux density 4 Output voltage 3 Output voltage 4 Output current 3 Output current 4 Supply current 3 Supply current 4 Symbol BH-L2 BL-H2 VOL3 VOL4 IOH3 IOH4 ICC3 ICC4 Conditions VCC = 12 V VCC = 12 V VCC = 4.5 V, IO = 15 mA B = 20 mT VCC = 16 V, IO = 15 mA B = 20 mT VCC = 4.5 V, VO = 16 V B = -20 mT VCC =16 V, VO = 16 V B = -20 mT VCC = 4.5 V, B = 20 mT VCC = 16 V, B = 20 mT Min -15 -20 Typ Max 20 15 0.4 0.4 10 10 6.5 7.0 Unit mT mT V V A A mA mA
Note) 1. Symbol BH-L stands for the operating magnetic flux density where its output level varies from high to low. 2. Symbol BL-H stands for the operating magnetic flux density where its output level varies from low to high. 3. The variation of operating magnetic flux density does not depend on supply voltage due to its built-in stabilized power source. (VCC should be confined to the range of 4.5 V to 16 V.)
3
DN6849UBS
s Electrical Characteristics (continued)
3. Design reference data at Ta = 25C
Note) The characteristics listed below are not guaranteed values for design.
Hall ICs
Parameter Operating magnetic flux density supply voltage dependency 1 *1 Operating magnetic flux density supply voltage dependency 2 *1 Hysteresis width supply voltage dependency *1 Operating magnetic flux density time lapse variation quantity *2
Symbol BH-L BL-H BW B
Conditions Difference of operating magnetic flux density (BH-L) at VCC = 4.5 V, 16 V Difference of operating magnetic flux density (BL-H) at VCC = 4.5 V, 16 V Difference of hysteresis width (BW) at VCC = 4.5 V, 16 V
Min
Typ 0 0.6 - 0.6 3
Max 5
Unit mT mT mT mT
Note) *1: A test circuit shall be identical with test condition 1 in "4. Test circuit and test method". BH-L max. 16 + 5 = 21 mT *2: At Ta = 25C BL-H min. -16 - 5 = -21 mT At Ta = 100C BH-L max. 20 + 5 = 25 mT BL-H min. -20 - 5 = -25 mT Therefore, the magnetic flux density to be applied to Hall IC must be 25 mT or more at Ta = 100C. Be cautious on use of a permanent magnet as it has its own temperature characteristic and time lapse variation.
4. Test circuit and test method Test circuit 1 * BH-L, BL-H
N.C. 2 B = -16 mT to +16 mT (at high temperature: -20 mT to +20 mT)
Test circuit 3 * IOH
N.C. 2 B = -16 mT (at high temperature: -20 mT)
3
1
4
1
4
3
V1 = 12 V
27 k
V
VCC = 16 V 4.5 V
A
IOH
VO = 16 V
Test circuit 2 * VOL1 , VOL2
N.C. 2 B = 16 mT (at high temperature: 20 mT)
Test circuit 4 * ICC1 , ICC2
N.C. 2 B = 16 mT (at high temperature: 20 mT)
3
1
4
1
VCC = 16 V 4.5 V
4
A
V
VCC = 16 V ICC 4.5 V
A
IO = 15 mA Note) *: Measure the magnetic flux density when its output level is changed from high to low or low to high by varying the applied magnetic flux density.
4
Open
3
Hall ICs
s Caution on use of Hall ICs
DN6849UBS
As the Hall IC is often used to detect movement, the position of a Hall IC may be changed, and there is the risk of a change in detection level, if exposed to shock or vibration over a long period of time. Secure the IC by applying adhesive to the package or placing in a dedicated case. 1. On mounting of the surface mount type (ESO004-P-0200 package) Set pin 2 to open or connect to GND. It will be damaged if it is connected to VCC . When mounted on the printed circuit board, the Hall IC may be highly stressed by the warp that may occur from the soldering. This may also cause a change in the operating magnetic flux density and a deterioration of its resistance to moisture. Be cautious to keep the device from being stressed thermally or mechanically up to the 2 mm distance from the package.
2. On using flux in soldering Choose a flux which does not include ingredients from halogen group, such as chlorine, fluorine, etc. The ingredients of halogen group may enter where the lead frame and package resin joint, causing corrosion and the disconnection of the aluminum wiring on the surface of an IC chip. 3. On fixing a Hall IC with the holder When a Hall IC is mounted on the printed circuit board with a holder and the coefficient of expansion of the holder is large, the lead wire of the Hall IC will be stretched and it may give a stress to the Hall IC. If the lead wire is stressed intensely due to the distortion of holder or board, the adhesives between the package and the lead wire may be weakened and cause a minute gap resulting in the deterioration of its resistance to moisture. Sensitivity may also be changed by this stress. 4. Power supply line/power transmission line If a power supply line/power transmission line becomes longer, noise and/or oscillation may be found on the line. In this case, set the capacitor of 0.1 F to 10 F near a Hall IC to prevent it. If a voltage of 18 V or more is thought to be applied to the power supply line (flyback voltage from coil or the ignition pulse, etc.), avoid it with external components (capacitor, resistor, Zener diode, diode, surge absorbing elements, etc.). 5. VCC and GND Do not reverse VCC and GND. If the VCC and GND pins are reversely connected, this IC will be destroyed. If the IC GND-pin voltage is set higher than other pin voltage, the IC configuration will become same as a forward biased diode. Therefore, it will turn on at the diode forward voltage (approximately 0.7 V), and a large current will flow through the IC, ending up in its destruction. (This is common to Monolithic IC.) 6. Cautions on power ON of Hall IC When a Hall IC is turned ON, the position of the magnet or looseness may change the output of a Hall IC, and a pulse may be generated. Therefore, care should be given whenever the output state of a Hall IC is critical when the supply power is ON. 7. When magnetic force of magnet is too strong Output may be inverted when applying a magnetic flux density of 100 mT or more. Accordingly, magnetic flux density should be used within the range of 100 mT.
5
DN6849UBS
s Technical Data
* Position of a Hall element (unit in mm)
0 1. 1. 0
Hall ICs
1.5
1.5
* Magneto-electro conversion characteristics
S
N Direction of applied magnetic field
Output voltage
BL-H
BW
BH-L
Applied magnetic flux density B
6


▲Up To Search▲   

 
Price & Availability of DN6849UBS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X